Part Number Hot Search : 
KBP08 AEP15124 SP9502JS UMG9NTR 133BZC FW114 IN74A PMBF5484
Product Description
Full Text Search
 

To Download MCP1701T-25021TO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M
Features
* 2.0 A Typical Quiescent Current * Input Operating Voltage Range up to 10.0V * Low Dropout Voltage: - 250 mV (typ.) @ 100 mA - 500 mV (typ.) @ 200 mA * High Output Current: 250 mA (VOUT = 5.0V) * High-Accuracy Output Voltage: 2% (max) * Low Temperature Drift: 100 ppm/C (typ.) * Excellent Line Regulation: 0.2%/V (typ.) * Package Options: 3-Pin SOT-23A, 3-Pin SOT-89 and 3-Pin TO-92 * Short-Circuit Protection * Standard Output Voltage Options: - 1.8V, 2.5V, 3.0V, 3.3V, 5.0V
MCP1701
General Description
The MCP1701 is a family of CMOS low dropout (LDO), positive voltage regulators that can deliver up to 250 mA of current while consuming only 2.0 A of quiescent current (typical). The input operating range is specified up to 10V, making it ideal for lithium-ion (one or two cells), 9V alkaline and other two and three primary cell battery-powered applications. The MCP1701 is capable of delivering 250 mA with an input-to-output voltage differential (dropout voltage) of 650 mV. The low dropout voltage extends the battery operating lifetime. It also permits high currents in small packages when operated with minimum VIN - VOUT differentials. The MCP1701 has a tight tolerance output voltage regulation of 0.5% (typical) and very good line regulation at 0.2%. The LDO output is stable when using only 1 F of output capacitance of either tantalum or aluminum-electrolytic style capacitors. The MCP1701 LDO also incorporates short-circuit protection to ensure maximum reliability. Package options include the 3-Pin SOT-23A, 3-Pin SOT-89 and 3-Pin TO-92.
2 A Low Dropout Positive Voltage Regulator
Applications
* * * * * * * * * * * * Battery-Powered Devices Battery-Powered Alarm Circuits Smoke Detectors CO2 Detectors Smart Battery Packs PDAs Low Quiescent Current Voltage Reference Cameras and Portable Video Equipment Pagers and Cellular Phones Solar-Powered Instruments Consumer Products Microcontroller Power
Package Types
3-Pin SOT-23A VIN 3 MCP1701 1 GND 2 VOUT 3-Pin TO-92 123 MCP1701 1 2 3 3-Pin SOT-89 VIN
Related Literature
* AN765, "Using Microchip's Micropower LDOs", DS00765, Microchip Technology Inc., 2002 * AN766, "Pin-Compatible CMOS Upgrades to Bipolar LDOs", DS00766, Microchip Technology Inc., 2002
GND VIN VOUT
Bottom View GND VIN VOUT Note: The 3-Pin SOT-23A is equivalent to the EIAJ SC-59.
2004 Microchip Technology Inc.
DS21874A-page 1
MCP1701
Functional Block Diagram
MCP1701
VIN VOUT
Short-Circuit Protection + Voltage Reference GND
Typical Application Circuits
MCP1701
GND VOUT 3.3V IOUT 50 mA VIN VOUT COUT 1 F Tantalum VIN 9V Alkaline Battery CIN 1 F Tantalum
DS21874A-page 2
-
2004 Microchip Technology Inc.
MCP1701
1.0 ELECTRICAL CHARACTERISTICS
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings
Input Voltage ........................................................ +12V Output Current (Continuous)..........PD/(VIN - VOUT)mA Output Current (peak) ..................................... 500 mA Output Voltage ............... (GND - 0.3V) to (VIN + 0.3V) Continuous Power Dissipation: 3-Pin SOT-23A ............................................ 150 mW 3-Pin SOT-89 .............................................. 500 mW 3-Pin TO-92 ................................................. 300 mW
PIN FUNCTION TABLE
Symbol GND VOUT VIN Description Ground Terminal Regulated Voltage Output Unregulated Supply Input
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits are established for an ambient temperature of TA = +25C.
Parameters
Output Voltage Regulation Maximum Output Current
Sym
VOUT IOUTMAX
Min
VR - 2% 250 200 150 150 125 110
Typ
VR0.5% -- -- -- -- -- -- 0.8 1.1 1.3 1.5 1.8 0.8 400 400 400 400 400 180 2.0 0.2 -- 100 200
Max
VR + 2% -- -- -- -- -- -- +1.60 +2.25 +2.72 +3.00 +3.60 +1.60 630 630 700 700 700 300 3.0 0.3 10 -- --
Units V
mA V OUT = 5.0V V OUT = 4.0V V OUT = 3.3V V OUT = 3.0V V OUT = 2.5V V OUT = 1.8V %
Conditions
IOUT = 40 mA, (Note 1) (VIN = VR + 1.0V)
Load Regulation (Note 3)
VOUT/ VOUT
-1.60 -2.25 -2.72 -3.00 -3.60 -1.60
V OUT = 5.0V, 1 mA IOUT 100 mA V OUT = 4.0V, 1 mA IOUT 100 mA V OUT = 3.3V, 1 mA IOUT 80 mA V OUT = 3.0V, 1 mA IOUT 80 mA V OUT = 2.5V, 1 mA IOUT 60 mA V OUT = 1.8V, 1 mA IOUT 30 mA
Dropout Voltage
VIN - VOUT
-- -- -- -- -- --
mV
IOUT = 200 mA, VR = 5.0V IOUT = 200 mA, VR = 4.0V IOUT = 160 mA, VR = 3.3V IOUT = 160 mA, VR = 3.0V IOUT = 120 mA, VR = 2.5V IOUT = 20 mA, VR = 1.8V
Input Quiescent Current Line Regulation Input Voltage Temperature Coefficient of Output Voltage Output Rise Time 1: 2: 3:
IQ VOUT*100 VIN *VOUT VIN TCVOUT TR
-- -- -- -- --
A %/V V ppm/ C sec
VIN = VR + 1.0V IOUT = 40 mA, (VR +1) VIN 10.0V
IOUT = 40 mA, -40C TA +85C, (Note 2) 10% V R to 90% VR, VIN = 0V to VR +1V, RL = 25 resistive.
VR is the nominal regulator output voltage. For example: V R = 1.8V, 2.5V, 3.3V, 4.0V, 5.0V. The input voltage VIN = VR + 1.0V, IOUT = 40 mA. TCV OUT = (VOUT-HIGH - VOUT-LOW) *106/(VR * Temperature), V OUT-HIGH is equal to the highest voltage measured over the temperature range, while VOUT-LOW is equal to the lowest voltage measured over the temperature range. Load regulation is measured at a constant junction temperature using low duty cycle pulse testing.
2004 Microchip Technology Inc.
DS21874A-page 3
MCP1701
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, TA = +25C. Parameters Temperature Ranges Specified Temperature Range (I) Storage Temperature Range Package Thermal Resistances Thermal Resistance, 3L-SOT-23A JA -- -- Thermal Resistance, 3L-SOT-89 Thermal Resistance, 3L-TO-92 JA JA -- -- 335 230 52 131.9 -- -- -- -- C/W C/W C/W C/W Minimum trace width single layer application. Typical FR4, 4-layer application. Typical when mounted on 1 square inch of copper. EIA/JEDEC JESD51-751-7 4-layer board. TA TA -40 -40 -- -- +85 +125 C C Sym Min Typ Max Units Conditions
DS21874A-page 4
2004 Microchip Technology Inc.
MCP1701
2.0
Note:
TYPICAL PERFORMANCE CURVES
The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Notes: Unless otherwise specified, VOUT = 1.8V, 3.0V, 5.0V, TA = +25C, CIN = 1 F Tantalum, COUT = 1 F Tantalum.
2.65 2.60 2.55 2.50 2.45 2.40 2.35 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 2 VR = 1.8V 2.10 2.05 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 1.55 1.50 1.45 1.40 1.35 1.30 1.25 1.20 0
+25C +85C 0C
Supply Current (A)
+25C
0C -40C
Supply Current (A)
-40C V IN = 4.0V V R = 3.0V 20 40 60 80 100 120 140 160
3
4
5
6
7
8
9
10
Input Voltage (V)
Load Current (mA)
FIGURE 2-1: Supply Current vs. Input Voltage (VR = 1.8V).
2.4 2.3 2.2 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 3 4 VR = 3.0V +25C +85C
FIGURE 2-4: Supply Current vs. Load Current (VR = 3.0V).
2.75 2.70 2.65 2.60 2.55 2.50 2.45 2.40 2.35 2.30 2.25 2.20 2.15 2.10 2.05 2.00 0 20
+25C +85C 0C
Supply Current (A)
-40C
Supply Current (A)
-40C
V IN = 6.0V V R = 5.0V 120 140 160 180 200
5
6
7
8
9
10
40
60
80
100
Input Voltage (V)
Load Current (mA)
FIGURE 2-2: Supply Current vs. Input Voltage (VR = 3.0V).
3.00 2.85 V R = 5.0V +25C +85C -40C
FIGURE 2-5: Supply Current vs. Load Current (VR = 5.0V).
2.9 2.8 2.7 2.6 2.5 2.4 2.3 2.2 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4 -40 -20 0 VR = 5.0V
Supply Current (A)
2.70 2.55 2.40 2.25 2.10 1.95 1.80 1.65 1.50 5
Supply Current (A)
VR = 1.8V
VR = 3.0V VIN = VR + 1V IOUT = 0 A 20 40 60 80 100
6
7
8
9
10
Input Voltage (V)
Temperature (C)
FIGURE 2-3: Supply Current vs. Input Voltage (VR = 5.0V).
FIGURE 2-6: Temperature.
Supply Current vs.
2004 Microchip Technology Inc.
DS21874A-page 5
MCP1701
Note: Unless otherwise indicated, VOUT = 1.8V, 3.0V, 5.0V, TA = +25C, CIN = 1 F Tantalum, COUT = 1 F Tantalum.
1.85 1.84 IOUT = 0.1 mA 1.83 1.82 1.81 1.80 1.79 -40C 1.78 1.77 0 10 20 30 40 50 60 70 80 90 +25C +85C
VIN = 2.8V
Output Voltage (V)
1.83 1.82 1.81 1.80 1.79 1.78 2
+25C +85C 0C
Output Voltage (V)
0C
-40C
3
4
5
6
7
8
9
10
Input Voltage (V)
Load Current (mA)
FIGURE 2-7: Output Voltage vs. Input Voltage (VR = 1.8V).
3.05 3.04 IOUT = 0.1 mA +25C +85C 0C -40C
FIGURE 2-10: Output Voltage vs. Load Current (VR = 1.8V).
3.06 3.04 3.02 3.00 2.98 -40C 2.96 2.94 0C +25C +85C VIN = 4.0V
Output Voltage (V)
3.03 3.02 3.01 3.00 2.99 2.98 2.97 4.0
5.0
6.0
7.0
8.0
9.0
10.0
Output Voltage (V)
0
15
30
45
60
75
90
105
120
135
150
Input Voltage (V)
Load Current (mA)
FIGURE 2-8: Output Voltage vs. Input Voltage (VR = 3.0V).
5.10 5.09 5.08 5.07 5.06 5.05 5.04 5.03 5.02 5.01 5.00 4.99 4.98 4.97 4.96 5.5 IOUT = 0.1 mA
FIGURE 2-11: Output Voltage vs. Load Current (VR = 3.0V).
5.07 5.05 +25C VIN = 6.0V
Output Voltage (V)
Output Voltage (V)
+25C +85C 0C
5.03 5.01 4.99 4.97 4.95 4.93 -40C +85C 0C
-40C
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
0
25
50
75
100
125
150
175
200
225
250
Input Voltage (V)
Load Current (mA)
FIGURE 2-9: Output Voltage vs. Input Voltage (VR = 5.0V).
FIGURE 2-12: Output Voltage vs. Load Current (VR = 5.0V).
DS21874A-page 6
2004 Microchip Technology Inc.
MCP1701
Note: Unless otherwise indicated, VOUT = 1.8V, 3.0V, 5.0V, TA = +25C, CIN = 1 F Tantalum, COUT = 1 F Tantalum.
0.7 VR = 1.8V
Dropout Voltage (V)
0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 10 20 30 40 50 60 70 80 90 -40C +85C
VIN = 0V to 2.8V
0C
RLOAD = 25 ohms COUT = 1 F Tantalum
VR = 1.8V
Load Current (mA)
FIGURE 2-13: Dropout Voltage vs. Load Current (VR = 1.8V).
0
FIGURE 2-16: (VR = 1.8V).
Start-up From VIN
0.6
VR = 3.0V
Dropout Voltage (V)
0.5 0.4 0.3 0.2 -40C 0.1 0 0 15 30 45 60 75 90 105 120 135 150
VIN = 0V to 4.0V
+85C 0C
RLOAD = 25 ohms COUT = 1 F Tantalum
VR = 3.0V
Load Current (mA)
FIGURE 2-14: Dropout Voltage vs. Load Current (VR = 3.0V).
0.8 0.7 VR = 5.0V
FIGURE 2-17: (VR = 3.0V).
Start-up From VIN
Dropout Voltage (V)
0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 25 50 75 100 125 150 175 200 225 250 -40C +85C 0C
VIN = 0V to 6.0V
VR = 5.0V
RLOAD = 25 ohms COUT = 1 F Tantalum
Load Current (mA)
FIGURE 2-15: Dropout Voltage vs. Load Current (VR = 5.0V).
FIGURE 2-18: (VR = 5.0V).
Start-up From VIN
2004 Microchip Technology Inc.
DS21874A-page 7
MCP1701
Note: Unless otherwise indicated, VOUT = 1.8V, 3.0V, 5.0V, TA = +25C, CIN = 1 F Tantalum, COUT = 1 F Tantalum.
0.00 V R = 1.8V IOUT = 1 to 30mA 0.15 VR = 1.8V VIN = 2.8V to 10V
Line Regulation (%/V)
Load Regulation (%)
-0.05 -0.10 -0.15 -0.20 -0.25 -0.30 -0.35 -0.40 -40 -30 -20 -10 0 VIN = 2.8V VIN = 6.0V
0.14 0.13 0.12 IOUT = 1 mA 0.11 0.10 IOUT = 90 mA
VIN = 4.0V
IOUT = 40 mA
IOUT = 10 mA
10 20 30 40 50
60 70 80 90
-40 -30 -20 -10
0
10
20
30 40
50
60 70
80
90
Temperature (C)
Temperature (C)
FIGURE 2-19: Load Regulation vs. Temperature (VR = 1.8V).
-0.30 VR = 3.0V IOUT = 1 to 80 mA
FIGURE 2-22: Line Regulation vs. Temperature (VR = 1.8V).
0.13
Line Regulation (%/V)
Load Regulation (%)
-0.35 -0.40 -0.45 -0.50 -0.55 -0.60 -0.65 -0.70 -40 -30 -20 -10 0 VIN = 10.0V VIN = 6.0V
0.12 IOUT = 1 mA 0.11 0.10 0.09 0.08 0.07 0.06 VR = 3.0V VIN = 4.0V to 10V -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 IOUT = 10 mA
VIN = 4.0V
IOUT = 150 mA
10 20 30 40 50
60 70 80 90
Temperature (C)
Temperature (C)
FIGURE 2-20: Load Regulation vs. Temperature (VR = 3.0V).
0.0 VR = 5.0V IOUT = 1 to 100 mA
FIGURE 2-23: Line Regulation vs. Temperature (VR = 3.0V).
0.17 VR = 5.0V VIN = 6.0V to 10V IOUT = 1 mA IOUT = 10 mA
Load Regulation (%)
-0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -40 -30 -20 -10 0 10 20 30 40 VIN = 7.0V V IN = 10.0V
Line Regulation (%/V)
0.16 0.15 0.14 0.13 0.12 0.11 0.10 0.09 0.08 -40 -30 -20 -10 0 10 20 30 40 IOUT = 250 mA
VIN = 6.0V
IOUT = 100 mA
50
60
70
80
90
50
60 70
80
90
Temperature (C)
Temperature (C)
FIGURE 2-21: Load Regulation vs. Temperature (VR = 5.0V).
FIGURE 2-24: Line Regulation vs. Temperature (VR = 5.0V).
DS21874A-page 8
2004 Microchip Technology Inc.
MCP1701
3.0 PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
Pin No. SOT-23A 1 2 3
PIN FUNCTION TABLE
Pin No. SOT-89 1 3 2 Pin No. TO-92 1 3 2 Name GND VOUT VIN Ground terminal Regulated voltage output Unregulated supply input Function
3.1
Ground Terminal (GND)
3.3
Unregulated Supply Input (VIN)
Regulator ground. Tie GND to the negative side of both the output and the input capacitor. Only the LDO bias current (2 A, typical) flows out of this pin, as there is no high current. The LDO output regulation is referenced to this pin. Minimize voltage drops between this pin and the negative side of the load.
3.2
Regulated Voltage Output (VOUT)
Connect VOUT to the positive side of the load and the positive terminal of the output capacitor. The positive side of the output capacitor should be located as close as possible to the LDO VOUT pin. The current flowing out of this pin is equal to the DC load current.
Connect the input supply voltage and the positive side of the input capacitor to VIN. Like all low dropout linear regulators, low source impedance is necessary for the stable operation of the LDO. The amount of capacitance required to ensure low source impedance will depend on the proximity of the input source capacitors or battery type. The input capacitor should be located as close as possible to the VIN pin. For most applications, 1 F of capacitance will ensure stable operation of the LDO circuit. For applications that have load currents below 100 mA, the input capacitance requirement can be lowered. The type of capacitor used can be ceramic, tantalum or aluminum-electrolytic. The low ESR characteristics of the ceramic will yield better noise and PSRR performance at high frequencies. The current flow into this pin is equal to the DC load current, plus the LDO bias current (2 A, typical).
2004 Microchip Technology Inc.
DS21874A-page 9
MCP1701
4.0 DETAILED DESCRIPTION
4.2 Input Capacitor
The MCP1701 is a low quiescent current, precision, fixed-output voltage LDO. Unlike bipolar regulators, the MCP1701 supply current does not increase proportionally with load current. A 1 F input capacitor is recommended for most applications when the input impedance is on the order of 10. Larger input capacitance may be required for stability when operating from a battery input, or if there is a large distance from the input source to the LDO. When large values of output capacitance are used, the input capacitance should be increased to prevent high source impedance oscillations.
4.1
Output Capacitor
A minimum of 1 F output capacitor is required. The output capacitor should have an effective series resistance (esr) greater than 0.1 and less than 5, plus a resonant frequency above 1 MHz. Larger output capacitors can be used to improve supply noise rejection and transient response. Care should be taken when increasing COUT to ensure that the input impedance is not high enough to cause high input impedance oscillation.
4.3
Overcurrent
The MCP1701 internal circuitry monitors the amount of current flowing through the P-channel pass transistor. In the event of a short-circuit or excessive output current, the MCP1701 will act to limit the output current.
VIN
VOUT
Short-Circuit Protection + Voltage Reference GND
FIGURE 4-1:
MCP1701 Block Diagram.
DS21874A-page 10
-
2004 Microchip Technology Inc.
MCP1701
5.0
5.1
THERMAL CONSIDERATIONS
Power Dissipation
The amount of power dissipated internal to the LDO linear regulator is the sum of the power dissipation within the linear pass device (P-channel MOSFET) and the quiescent current required to bias the internal reference and error amplifier. The internal linear pass device power dissipation is calculated as shown in Equation 5-1.
To determine the junction temperature of the device, the thermal resistance from junction-to-ambient must be known. The 3-pin SOT-23 thermal resistance from junction-to-air (RJA) is estimated to be approximately 335C/W. The SOT-89 RJA is estimated to be approximately 52C/W when mounted on 1 square inch of copper. For the TO-92, RJA is estimated to be 131.9C/W. The RJA will vary with physical layout, airflow and other application-specific conditions. The device junction temperature is determined by calculating the junction temperature rise above ambient, then adding the rise to the ambient temperature.
EQUATION 5-1:
PD (Pass Device) = (VIN - VOUT) x IOUT The internal power dissipation, which is due to the bias current for the LDO internal reference and error amplifier, is calculated as shown in Equation 5-2.
EQUATION 5-5:
JUNCTION TEMPERATURE - SOT-23 EXAMPLE:
EQUATION 5-2:
PD (Bias) = VIN x IGND The total internal power dissipation is the sum of PD (Pass Device) and PD (Bias).
T J = P D MAX x R JA + T A T J = 116.0 milliwatts x 335C/W + 55C T J = 93.9C
EQUATION 5-6:
EQUATION 5-3:
PTOTAL = PD (Pass Device) + PD (Bias) For the MCP1701, the internal quiescent bias current is so low (2 A, typical) that the PD (Bias) term of the power dissipation equation can be ignored. The maximum power dissipation can be estimated by using the maximum input voltage and the minimum output voltage to obtain a maximum voltage differential between input and output. The next step would be to multiply the maximum voltage differential by the maximum output current.
JUNCTION TEMPERATURE - SOT-89 EXAMPLE:
T J = 116.0 milliwatts x 52C/W + 55C T J = 61C
EQUATION 5-7:
JUNCTION TEMPERATURE - TO-92 EXAMPLE:
T J = 116.0 milliwatts x 131.9C/W + 55C T J = 70.3C
EQUATION 5-4:
PD = (VINMAX - VOUTMIN) x IOUTMAX Given: VIN = 3.3V to 4.1V VOUT = 3.0V 2% IOUT = 1 mA to 100 mA TAMAX = 55C PMAX = (4.1V - (3.0V x 0.98)) x 100 mA PMAX = 116.0 milliwatts
2004 Microchip Technology Inc.
DS21874A-page 11
MCP1701
6.0
6.1
PACKAGING INFORMATION
Package Marking Information
3-Pin SOT-23A 3-Pin SOT-89 3-Pin TO-92
2 1 2 3 4 1
4
1234 5678 9 10 11 12
3
1
represents first voltage digit 1V, 2V, 3V, 4V, 5V, 6V Ex: 3.xV =
3
1, 2, 3 & 4 5
= M701 (fixed)
represents first voltage digit (1-6) represents first voltage decimal (0-9) represents extra feature code: fixed: 0 represents regulation accuracy 2 = 2.0% (standard) represents assembly lot number
2
represents first decimal place voltage (x.0 - x.9) Ex: 3.4V = Symbol A B C D E
3 E
6
Voltage x.0 x.1 x.2 x.3 x.4
Symbol F H K L M
Voltage x.5 x.6 x.7 x.8 x.9
7
8
9 , 10 , 11 & 12
3
represents polarity 0 = Positive (fixed) represents assembly lot number
4
DS21874A-page 12
2004 Microchip Technology Inc.
MCP1701
3-Lead Plastic Small Outline Transistor (CB) (SOT23)
E E1 2
B n p 1
p1
D
c A A2
L
A1
Number of Pins Pitch Outside lead pitch (basic) Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Foot Length Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom * Controlling Parameter Significant Characteristic
Units Dimension Limits n p p1 A A2 A1 E E1 D L f c B a b
MIN
INCHES* NOM 3 .038 .076 .046 .043 .002 .110 .063 .114 .018 5 .006 .016 5 5
MAX
MIN
.040 .039 .000 .102 .059 .106 .014 0 .004 .014 0 0
.051 .047 .004 .118 .071 .122 .022 10 .010 .020 10 10
MILLIMETERS NOM 3 0.96 1.92 1.16 1.01 1.00 1.10 0.01 0.06 2.60 2.80 1.50 1.60 2.70 2.90 0.35 0.45 0 5 0.10 0.15 0.35 0.40 0 5 0 5
MAX
1.30 1.20 0.10 3.00 1.80 3.10 0.55 10 0.25 0.50 10 10
Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. EIAJ SC-59 Equivalent Drawing No. C04-104
2004 Microchip Technology Inc.
DS21874A-page 13
MCP1701
3-Lead Plastic Small Outline Transistor (MB) (SOT89)
H E B1
3 B D D1 2 p p1
1 B1 L E1
A
C
Pitch Outside lead pitch (basic) Overall Height Overall Width Molded Package Width at Base Molded Package Width at Top Overall Length Tab Length Foot Length Lead Thickness Lead 2 Width Leads 1 & 3 Width
Units Dimension Limits p p1 A H E E1 D D1 L c B B1
INCHES MIN MAX .059 BSC .118 BSC .055 .063 .155 .167 .090 .102 .084 .090 .173 .181 .064 .072 .035 .047 .014 .017 .017 .022 .014 .019
MILLIMETERS* MIN MAX 1.50 BSC 3.00 BSC 1.40 1.60 3.94 4.25 2.29 2.60 2.13 2.29 4.40 4.60 1.62 1.83 0.89 1.20 0.35 0.44 0.44 0.56 0.36 0.48
*Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side. JEDEC Equivalent: TO-243
Drawing No. C04-29
DS21874A-page 14
2004 Microchip Technology Inc.
MCP1701
3-Lead Plastic Transistor Outline (TO) (TO-92)
E1
D
1
n
L
1
2
3
B p c
A
R Units Dimension Limits n p INCHES* NOM
MILLIMETERS NOM 3 1.27 3.30 3.62 4.45 4.71 4.32 4.64 2.16 2.29 12.70 14.10 0.36 0.43 0.41 0.48 4 5 2 3
MIN
MAX
MIN
MAX
Number of Pins 3 Pitch .050 Bottom to Package Flat A .130 .143 .155 Overall Width E1 .175 .186 .195 Overall Length D .170 .183 .195 Molded Package Radius R .085 .090 .095 Tip to Seating Plane L .500 .555 .610 c Lead Thickness .014 .017 .020 Lead Width B .016 .019 .022 4 5 6 Mold Draft Angle Top Mold Draft Angle Bottom 2 3 4 *Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: TO-92 Drawing No. C04-101
3.94 4.95 4.95 2.41 15.49 0.51 0.56 6 4
2004 Microchip Technology Inc.
DS21874A-page 15
MCP1701
NOTES:
DS21874A-page 16
2004 Microchip Technology Inc.
MCP1701
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device XXX X X X/ XX Examples:
a) MCP1701T-1802I/CB: 1.8V LDO Positive Voltage Regulator, SOT-23A-3 package.
Tape Output Feature Tolerance Temp. Package and Reel Voltage Code
MCP1701: 2 A Low Dropout Positive Voltage Regulator T = Tape and Reel (SOT-23 and SOT-89 only)
Device: Tape and Reel: Output Voltage:
b)
MCP1701T-1802I/MB: 1.8V LDO Positive Voltage Regulator, SOT89-3 package. MCP1701T-2502I/CB: 2.5V LDO Positive Voltage Regulator, SOT-23A-3 package. 3.0V LDO Positive Voltage Regulator, SOT-23A-3 package.
c)
18 = 1.8V "Standard" 25 = 2.5V "Standard" 30 = 3.0V "Standard" 33 = 3.3V "Standard" 50 = 5.0V "Standard" *Contact factory for other output voltage options. 0 2 I = Fixed = 2.0% (Standard) = -40C to +85C
d)
MCP1701T-3002I/CB:
Extra Feature Code: Tolerance: Temperature: Package Type:
e)
MCP1701T-3002I/MB: 3.0V LDO Positive Voltage Regulator, SOT89-3 package. MCP1701T-3302I/CB: 3.3V LDO Positive Voltage Regulator, SOT-23A-3 package.
f)
CB = 3-Pin SOT-23A (equivalent to EIAJ SC-59) MB = 3-Pin SOT-89 TO = 3-Pin TO-92
g)
MCP1701T-3302I/MB: 3.3V LDO Positive Voltage Regulator, SOT89-3 package. MCP1701T-5002I/CB: 5.0V LDO Positive Voltage Regulator, SOT-23A-3 package.
h)
i)
MCP1701T-5002I/MB: 5.0V LDO Positive Voltage Regulator, SOT89-3 package.
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
2004 Microchip Technology Inc.
DS21874A-page 17
MCP1701
NOTES:
DS21874A-page 18
2004 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, MPLAB, PIC, PICmicro, PICSTART, PRO MATE, PowerSmart and rfPIC are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, microID, MXDEV, MXLAB, PICMASTER, SEEVAL, SmartShunt and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Application Maestro, dsPICDEM, dsPICDEM.net, dsPICworks, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, PICkit, PICDEM, PICDEM.net, PICtail, PowerCal, PowerInfo, PowerMate, PowerTool, rfLAB, Select Mode, SmartSensor, SmartTel and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. Serialized Quick Turn Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2004, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received ISO/TS-16949:2002 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona and Mountain View, California in October 2003. The Company's quality system processes and procedures are for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
2004 Microchip Technology Inc.
DS21874A-page 19
M
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
China - Beijing
Unit 706B Wan Tai Bei Hai Bldg. No. 6 Chaoyangmen Bei Str. Beijing, 100027, China Tel: 86-10-85282100 Fax: 86-10-85282104
Korea
168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea 135-882 Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934
China - Chengdu
Rm. 2401-2402, 24th Floor, Ming Xing Financial Tower No. 88 TIDU Street Chengdu 610016, China Tel: 86-28-86766200 Fax: 86-28-86766599
Singapore
200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-6334-8870 Fax: 65-6334-8850
Atlanta
3780 Mansell Road, Suite 130 Alpharetta, GA 30022 Tel: 770-640-0034 Fax: 770-640-0307
Taiwan
Kaohsiung Branch 30F - 1 No. 8 Min Chuan 2nd Road Kaohsiung 806, Taiwan Tel: 886-7-536-4818 Fax: 886-7-536-4803
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
China - Fuzhou
Unit 28F, World Trade Plaza No. 71 Wusi Road Fuzhou 350001, China Tel: 86-591-7503506 Fax: 86-591-7503521
Taiwan
Taiwan Branch 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
China - Hong Kong SAR
Unit 901-6, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
EUROPE
Austria
Durisolstrasse 2 A-4600 Wels Austria Tel: 43-7242-2244-399 Fax: 43-7242-2244-393
China - Shanghai
Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
Denmark
Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45-4420-9895 Fax: 45-4420-9910
China - Shenzhen
Rm. 1812, 18/F, Building A, United Plaza No. 5022 Binhe Road, Futian District Shenzhen 518033, China Tel: 86-755-82901380 Fax: 86-755-8295-1393
Kokomo
2767 S. Albright Road Kokomo, IN 46902 Tel: 765-864-8360 Fax: 765-864-8387
France
Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
China - Shunde
Room 401, Hongjian Building, No. 2 Fengxiangnan Road, Ronggui Town, Shunde District, Foshan City, Guangdong 528303, China Tel: 86-757-28395507 Fax: 86-757-28395571
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
China - Qingdao
Rm. B505A, Fullhope Plaza, No. 12 Hong Kong Central Rd. Qingdao 266071, China Tel: 86-532-5027355 Fax: 86-532-5027205
Germany
Steinheilstrasse 10 D-85737 Ismaning, Germany Tel: 49-89-627-144-0 Fax: 49-89-627-144-44
San Jose
1300 Terra Bella Avenue Mountain View, CA 94043 Tel: 650-215-1444 Fax: 650-961-0286
India
Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-22290061 Fax: 91-80-22290062
Italy
Via Quasimodo, 12 20025 Legnano (MI) Milan, Italy Tel: 39-0331-742611 Fax: 39-0331-466781
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
Japan
Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
Netherlands
P. A. De Biesbosch 14 NL-5152 SC Drunen, Netherlands Tel: 31-416-690399 Fax: 31-416-690340
ASIA/PACIFIC
Australia
Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
United Kingdom
505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44-118-921-5869 Fax: 44-118-921-5820
02/17/04
DS21874A-page 20
2004 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of MCP1701T-25021TO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X